Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download 2N2369ADCSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2369ADCSM
DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
MECHANICAL DATA Dimensions in mm (inches)
FEATURES
2.29 0.20 (0.09 0.008) 1.65 0.13 (0.065 0.005) 0.64 0.08 (0.025 0.003) 1.40 0.15 (0.055 0.006)
* DUAL SILICON PLANAR EPITAXIAL DUAL NPN TRANSISTOR
4.32 0.13 (0.170 0.005)
2.54 0.13 (0.10 0.005)
2 1
3 4 5
* HERMETIC CERAMIC SURFACE MOUNT PACKAGE * SCREENING OPTIONS AVAILABLE
A
6
0.23 rad. (0.009) 1.27 0.13 (0.05 0.005)
6.22 0.13 (0.245 0.005)
A=
LCC2 PACKAGE Underside View
PAD 1 - Collector 1 PAD 2 - Base 1 PAD 3 - Base 2 PAD 4 - Collector 2 PAD 5 - Emitter 2 PAD 6 - Emitter 1
APPLICATIONS:
Hermetically sealed dual surface mount dual version of the popular 2N2369A for high reliability / space applications requiring small size and low weight devices.
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD PD TSTG , TJ Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation Total Device Dissipation @ TA =25C Derate above 25C @ TC =25C Derate above 25C Operating and Storage Temperature Range
PER SIDE
TOTAL DEVICE
40V 15V 4.5V 200mA 360mW 2.06mW / C 680mW/C 3.88mW/C 500mW 2.85mW / C 800mW/C 4.57mW/C
-65 to +200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 3/00
2N2369ADCSM
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated)
Parameter
V(BR)CEO* V(BR)CBO V(BR)EBO ICES Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Collector - Emitter Cut-off Current
Test Conditions
IC = 10mA IE = 10mA VCE = 20V VCE = 10V TA = +150C VCB = 20V TA = +125C VEB = 4V IC = 10mA IB = 1mA TA = +150C IC = 30mA IC = 100mA IC = 10mA IB = 3mA IB = 10mA TA = +25C TA = +150C TA = -55C IB = 3mA IB = 10mA VCE = 0.35V VCE = 0.40V VCE = 1V TA = -55C IC = 100mA VCE = 1V VCE = 10V IE = 0 IC = 0 IC = 10mA f = 100MHz VCB = 5V VEB = 0.5V IC = 10mA IB1 = -IB2 = 10mA IC = 10mA IB1 = 3mA IB2 = -1.5mA f = 100kHz to 1MHz f = 100kHz to 1MHz
Min.
15 40 4.5
Typ.
Max. Unit
V V V 0.40 0.30 30 0.20 30 0.25 0.20 0.30 0.25 0.43 V
mA mA mA
Collector - Emitter Breakdown Voltage IC = 10mA
ICBO IEBO
Collector - Base Cut-off Current Emitter - Base Cut-off Current
VCE(sat)
Collector - Emitter Saturation Voltage
0.70 0.59
0.85 1.02 0.90 1.20 V
VBE(sat)
Base - Emitter Saturation Voltage
IB = 1mA IC = 30mA IC = 100mA IC = 10mA IC = 30mA
40 30 40 20 20 5
120 120 120 120 10 4 pF 5 13 12 18 ns ns -- --
hFE*
Current Gain
IC = 10mA
|hfe| Cob Cib ts ton toff
Magnitude of hfe Output Capacitance Input Capacitance Storage Time Turn-On Time Turn-Off Time
* Pulse Test: tp 300ms, d 2%.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 3/00


▲Up To Search▲   

 
Price & Availability of 2N2369ADCSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X